PART |
Description |
Maker |
SFH450V SFH450 |
SFH Transmitters & Receivers - Transmitter (LED only) 950nm - connector housing Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
|
INFINEON[Infineon Technologies AG]
|
SFH757V SFH757 |
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing SFH Transmitters & Receivers - Transmitter (LED only) 650nm - connector housing
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
90123-0124 90123-0107 90123-0104 90123-0125 90123- |
Connector Housing; Number of Contacts:24; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:7; Pitch Spacing:2.54mm; No. of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:4; Pitch Spacing:2.54mm; No. of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP C-Grid Modr Crp Hsg SR W/2Pol Bttn 25Ckt 25 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP HOUSING, POLARISED 20WAY ; Ways, No. of:20; Approval Bodies:UL, CSA; Current rating:3A; Housing type:Polyphenylene Oxide UL94V-1; Pitch:2.54mm; Resistance, contact:20mR; Resistance, insulation:5000MR; Series:CGRID; Temp, op.
|
Molex, Inc. MOLEX INC
|
IRFN340SMD |
N-Channel Power MOSFET(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω)(N沟道功率MOS场效应管(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
0009016101 09-01-6101 2574-10A6 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 10 Circuits, Rib between 4 & 5, 7 & 8 MOLEX Connector
|
Molex Electronics Ltd.
|
19-09-2026 19-09-2027 |
Connector Housing; Gender:Male; No. of Contacts:2; Series:3191; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Contact Current:12A; Height:0.264"; Leaded Process Compatible:No; No. of Rows:1 RoHS Compliant: Yes Connector Housing; Number of Contacts:2; Series:Standard .093"; Connector Body Material:Nylon; Mounting Type:Panel Mount; Number of Rows:1; Pitch Spacing:6.71mm; Contact Termination:Crimp; Terminal Type:Straight Pin
|
MOLEX INC
|
0546791619 54679-1619 |
1.25mm (.049) Pitch Small MGC (Multi-Ground Connector) Panel Mount Receptacle Housing Adapter, Polarizing Key 2.00mm (.079) Left From the Center MOLEX Connector
|
Molex Electronics Ltd.
|
IRFE9130 |
P-Channel Power MOSFET(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)(P沟道功率MOS场效应管(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)) P沟道功率MOSFET(减振钢板基本:- 100V的,身份证(续) 6.1A,Vdgr 0.345V)性(P沟道功率马鞍山场效应管(减振钢板基本 100V的,身份证(续) 6.1AVdgr 0.345V))
|
Seme LAB
|
15-06-0101 15-06-0180 15-06-0141 |
MiniFit BMI Rcpt/PanMnt V-0 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Connector Housing; No. of Contacts:18; Pitch Spacing:4.2mm; No. of Rows:2; Series:Mini-Fit BMI; Connector Body Material:Nylon; Contact Termination:Crimp 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,Cable Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,HOLE .164-.189
|
Molex, Inc. MOLEX INC
|
|